Part Number Hot Search : 
D4148 SMAJ58A CXA1019 MUR16 BRF1060C 2DR2G 1206R 203004
Product Description
Full Text Search
 

To Download IRF3709SPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 95495
SMPS MOSFET
Applications High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use l High Frequency Buck Converters for Server Processor Power Synchronous FET l Optimized for Synchronous Buck Converters Including Capacitive Induced Turn-on Immunity l Lead-Free
l
IRF3709PbF IRF3709SPBF IRF3709LPBF
HEXFET(R) Power MOSFET
VDSS
30V
RDS(on) max
9.0m
ID
90A
Benefits l Ultra-Low Gate Impedance l Very Low RDS(on) at 4.5V VGS l Fully Characterized Avalanche Voltage and Current Absolute Maximum Ratings
Symbol
VDS VGS ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C PD @TA = 25C TJ , TSTG
TO-220AB IRF3709
D2Pak IRF3709S
TO-262 IRF3709L
Parameter
Drain-Source Voltage Gate-to-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Maximum Power Dissipation Maximum Power Dissipation Linear Derating Factor Junction and Storage Temperature Range
Max.
30 20 90 57 360 120 3.1 0.96 -55 to + 150
Units
V V A W W mW/C C
Thermal Resistance
Parameter
RJC RCS RJA RJA Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient Junction-to-Ambient (PCB mount)
Typ.
--- 0.50 --- ---
Max.
1.04 --- 62 40
Units
C/W
Notes through are on page 11
www.irf.com
1
07/01/04
IRF3709/S/LPbF
Static @ TJ = 25C (unless otherwise specified)
Parameter Drain-to-Source Breakdown Voltage V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient V(BR)DSS RDS(on) VGS(th) IDSS IGSS Min. 30 --- --- Static Drain-to-Source On-Resistance --- Gate Threshold Voltage 1.0 --- Drain-to-Source Leakage Current --- Gate-to-Source Forward Leakage --- Gate-to-Source Reverse Leakage --- Typ. --- 0.029 6.4 7.4 --- --- --- --- --- Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 9.0 VGS = 10V, ID = 15A m 10.5 VGS = 4.5V, ID = 12A 3.0 V VDS = VGS, ID = 250A 20 VDS = 24V, VGS = 0V A 100 VDS = 24V, VGS = 0V, TJ = 125C 200 VGS = 16V nA -200 VGS = -16V
Dynamic @ TJ = 25C (unless otherwise specified)
Symbol
gfs Qg Qgs Qgd Qoss td(on) tr td(off) tf Ciss Coss Crss Parameter Forward Transconductance Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Output Gate Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Min. Typ. Max. Units Conditions 53 --- --- S VDS = 15V, ID = 30A --- 27 41 ID = 15A --- 6.7 --- nC VDS = 16V --- 9.7 --- VGS = 5.0V --- 22 --- VGS = 0V, VDS = 10V --- 11 --- VDD = 15V --- 171 --- ID = 30A ns --- 21 --- RG = 1.8 --- 9.2 --- VGS = 4.5V --- 2672 --- VGS = 0V --- 1064 --- pF VDS = 16V --- 109 --- = 1.0MHz
Avalanche Characteristics
Symbol
EAS IAR
Parameter
Single Pulse Avalanche Energy Avalanche Current
Typ.
--- ---
Max.
382 30
Units
mJ A
Diode Characteristics
Symbol
IS
ISM
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Reverse Reverse Reverse Recovery Recovery Recovery Recovery Time Charge Time Charge
Min. Typ. Max. Units --- --- --- --- --- --- --- --- --- --- 0.88 0.82 48 46 48 52 90 A 360 1.3 --- 72 69 72 78 V ns nC ns nC
VSD trr Qrr trr Qrr
Conditions D MOSFET symbol showing the G integral reverse S p-n junction diode. TJ = 25C, IS = 30A, VGS = 0V TJ = 125C, IS = 30A, VGS = 0V TJ = 25C, IF = 30A, VR=15V di/dt = 100A/s TJ = 125C, IF = 30A, VR=15V di/dt = 100A/s
2
www.irf.com
IRF3709/S/LPbF
1000
I D , Drain-to-Source Current (A)
100
I D , Drain-to-Source Current (A)
VGS 15V 10V 7.0V 5.5V 4.5V 4.0V 3.5V BOTTOM 2.7V TOP
1000
VGS 15V 10V 7.0V 5.5V 4.5V 4.0V 3.5V BOTTOM 2.7V TOP
100
2.7V
2.7V
10
10
1 0.1
20s PULSE WIDTH TJ = 25 C
1 10 100
1 0.1
20s PULSE WIDTH TJ = 150 C
1 10 100
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
RDS(on) , Drain-to-Source On Resistance (Normalized)
1000
2.0
I D , Drain-to-Source Current (A)
ID = 90A
TJ = 25 C
1.5
TJ = 150 C
100
1.0
0.5
10 2.0
V DS= 15V 20s PULSE WIDTH 3.0 4.0 5.0 6.0 7.0
0.0 -60 -40 -20
VGS = 10V
0 20 40 60 80 100 120 140 160
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF3709/S/LPbF
4000
VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
6
ID = 30A
5
V DS= 24V V DS= 15V V DS= 6V
C, Capacitance (pF)
3000
Ciss
2000
4
3
1000
Coss
2
1
0
Crss
1 10 100
0 0 5 10 15 20 25 30
VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
10000
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
ID , Drain Current (A)
100 T = 150 C J
1000 10us 100us 1ms 10 10ms
10
100
TJ = 25 C
1
0.1 0.2
V GS = 0 V
0.8 1.4 2.0 2.6
1
TC = 25 C TJ = 150 C Single Pulse
1 10 100
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF3709/S/LPbF
100
LIMITED BY PACKAGE
V DS VGS
RD
80
ID , Drain Current (A)
RG VGS
Pulse Width 1 s Duty Factor 0.1 %
D.U.T.
+
-VDD
60
40
Fig 10a. Switching Time Test Circuit
20
VDS 90%
0 25 50 75 100 125 150
TC , Case Temperature ( C)
10% VGS
Fig 9. Maximum Drain Current Vs. Case Temperature
td(on)
tr
t d(off)
tf
Fig 10b. Switching Time Waveforms
10
Thermal Response(Z thJC )
1 D = 0.50 0.20 0.10 0.1 0.05 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) PDM t1 t2 Notes: 1. Duty factor D = t1 / t 2 2. Peak TJ = P DM x Z thJC + TC 0.001 0.01 0.1 1
0.01 0.00001
0.0001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRF3709/S/LPbF
EAS , Single Pulse Avalanche Energy (mJ)
1200
15V
TOP BOTTOM
1000
VDS
L
DRIVER
ID 13A 19A 30A
800
RG
20V
D.U.T
IAS tp
+ V - DD
A
600
0.01
Fig 12a. Unclamped Inductive Test Circuit
V(BR)DSS tp
400
200
0 25 50 75 100 125 150
Starting TJ , Junction Temperature( C)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
I AS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
VGS
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
IG
ID
Charge
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRF3709/S/LPbF
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFET(R) Power MOSFETs
www.irf.com
7
IRF3709/S/LPbF
TO-220AB Package Outline
Dimensions are shown in millimeters (inches)
2.87 (.113) 2.62 (.103)
10.54 (.415) 10.29 (.405)
3.78 (.149) 3.54 (.139) -A6.47 (.255) 6.10 (.240)
-B4.69 (.185) 4.20 (.165) 1.32 (.052) 1.22 (.048)
4 15.24 (.600) 14.84 (.584)
1.15 (.045) MIN 1 2 3
LEAD ASSIGNMENTS
LEAD ASSIGNMENTS IGBTs, CoPACK 1 - GATE 2 - DRAIN 1- GATE 1- GATE 32- DRAINSOURCE 2- COLLECTOR 3- SOURCE 4 - DRAIN 3- EMITTER
HEXFET
14.09 (.555) 13.47 (.530)
4- DRAIN
4.06 (.160) 3.55 (.140)
4- COLLECTOR
3X 1.40 (.055) 3X 1.15 (.045) 2.54 (.100) 2X NOTES:
0.93 (.037) 0.69 (.027) M BAM
3X
0.55 (.022) 0.46 (.018)
0.36 (.014)
2.92 (.115) 2.64 (.104)
1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982. 2 CONTROLLING DIMENSION : INCH
3 OUTLINE CONFORMS TO JEDEC OUTLINE TO-220AB. 4 HEATSINK & LEAD MEASUREMENTS DO NOT INCLUDE BURRS.
TO-220AB Part Marking Information
E X AMP L E : T H IS I S AN IR F 1 0 1 0 L OT COD E 1 7 8 9 AS S E M B L E D ON W W 1 9 , 1 9 9 7 IN T H E AS S E M B L Y L I N E "C" IN T E R N AT ION AL R E CT IF IE R L OGO AS S E M B L Y L OT COD E P AR T N U MB E R
Note: "P" in assem bly line position indicates "Lead-Free"
D AT E COD E Y E AR 7 = 1 9 9 7 W E E K 19 L IN E C
8
www.irf.com
IRF3709/S/LPbF
D2Pak Package Outline
Dimensions are shown in millimeters (inches)
D2Pak Part Marking Information
T HIS IS AN IR F530S WITH L OT CODE 8024 AS S EMBLED ON WW 02, 2000 IN T HE AS S EMBLY LINE "L" Note: "P" in ass embly line pos ition indicates "L ead-Free" INTER NAT IONAL RECT IFIER LOGO AS S EMBLY LOT CODE PART NUMBER F530S DAT E CODE YEAR 0 = 2000 WE EK 02 LINE L
OR
INT ERNAT IONAL RECT IFIER LOGO ASS EMBLY LOT CODE PART NUMBER F530S DAT E CODE P = DES IGNAT ES LEAD-FREE PRODUCT (OPT IONAL) YEAR 0 = 2000 WEEK 02 A = AS S EMBLY SIT E CODE
www.irf.com
9
IRF3709/S/LPbF
TO-262 Package Outline
Dimensions are shown in millimeters (inches)
TO-262 Part Marking Information
EXAMPLE: T HIS IS AN IRL3103L LOT CODE 1789 AS S EMBLE D ON WW 19, 1997 IN T HE AS S E MBLY LINE "C" Note: "P" in as sembly line position indicates "Lead-Free" INT ERNAT IONAL RECT IF IER L OGO AS S EMBLY L OT CODE PART NUMBER
DAT E CODE YEAR 7 = 1997 WEEK 19 LINE C
OR
INT E RNAT IONAL RECT IF IER LOGO AS S EMBLY LOT CODE PART NUMBER DAT E CODE P = DE S IGNAT ES LEAD-FREE PRODUCT (OPT IONAL) YEAR 7 = 1997 WEEK 19 A = AS S E MBLY S IT E CODE
10
www.irf.com
IRF3709/S/LPbF
D2Pak Tape & Reel Information
Dimensions are shown in millimeters (inches)
TRR
1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153)
1.60 (.063) 1.50 (.059) 0.368 (.0145) 0.342 (.0135)
FEED DIRECTION 1.85 (.073)
1.65 (.065)
11.60 (.457) 11.40 (.449)
15.42 (.609) 15.22 (.601)
24.30 (.957) 23.90 (.941)
TRL
10.90 (.429) 10.70 (.421) 1.75 (.069) 1.25 (.049) 16.10 (.634) 15.90 (.626) 4.72 (.136) 4.52 (.178)
FEED DIRECTION
13.50 (.532) 12.80 (.504)
27.40 (1.079) 23.90 (.941)
4
330.00 (14.173) MAX.
60.00 (2.362) MIN.
NOTES : 1. COMFORMS TO EIA-418. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION MEASURED @ HUB. 4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.
26.40 (1.039) 24.40 (.961) 3
30.40 (1.197) MAX. 4
Notes:
Repetitive rating; pulse width limited by
max. junction temperature.
Pulse width 400s; duty cycle 2%. This is only applied to TO-220AB package
Starting TJ = 25C, L = 0.85mH
RG = 25, IAS = 30A.
This is applied to D2Pak, when mounted on 1" square PCB ( FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 75A.
Data and specifications subject to change without notice. This product has been designed and qualified for the industrial market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.07/04
www.irf.com
11


▲Up To Search▲   

 
Price & Availability of IRF3709SPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X